PART |
Description |
Maker |
CHA3666 |
6-17GHz Low Noise Amplifier
|
United Monolithic Semiconductors
|
LTC6400CUD-20-PBF LTC6400CUD-20-TRPBF LTC6400IUD-2 |
2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF; Package: QFN; No of Pins: 16; Temperature Range: -40°C to 85°C 1-CH 16-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC16 1.8GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
|
Linear Technology, Corp.
|
AH9479 AH9479Z4-G1 AH9480M8TR-G1 AH9481Z5-G1 AH948 |
Smart Phase Low Noise Smart Motor Driver Single Phase Low Noise Smart Motor Driver Full Bridge Driver
|
Diodes BCD Semiconductor Manufacturing Limited
|
LT6402CUD-6-PBF LT6402IUD-6-PBF LT6402IUD-6-TR LT6 |
300MHz Low Distortion, Low Noise Differential Amplifier 300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 6dB)
|
Linear Technology
|
LT1993IUD-2 LT1993CUD-2 |
800MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 2V/V)
|
Linear Technology
|
LTC6401-14 LTC6401CUD-14-PBF LTC6401CUD-14-TRPBF L |
2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
|
Linear Integrated Systems Linear Technology
|
LT6200 LT6202 LT6203 LTC6400-20 LTC6401-20 LTC6401 |
1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
|
Linear Technology http://
|
LT1994CMS8 LT1994CDD |
Low Noise, Low Distortion Fully Differential Input/Output Amplifi er/Driver
|
Linear Technology
|
LT1993IUD-10 LT1993CUD-10 LT1993-10 |
700MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 10V/V)
|
Linear Technology
|
MAX8877 MAX8877C_DXY MAX8877EUKXY-T MAX8877-MAX887 |
Low-Noise, Low-Dropout, 150mA Linear Regulators with ?982 Pinout Low-Noise, Low-Dropout, 150mA Linear Regulators with 2982 Pinout From old datasheet system Low-Noise, Low-Dropout, 150mA Linear Regulators with ‘2982 Pinout Low-Noise / Low-Dropout / 150mA Linear Regulators with 2982 Pinout AC Series Door Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Rod Actuator, Silver Contacts, Screw Termination Low-Noise, Low-Dropout, 150mA Linear Regulators with 982 Pinout 低噪声,低压差,150mA的线性稳压器的\u0026#39;2982引脚
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
LTC6404IUD-1-PBF LTC6404IUD-1-TRPBF LTC6404IUD-2-P |
600MHz, Low Noise, High Precision Fully Differential Input/Output Amplier/Driver; Package: QFN; No of Pins: 16; Temperature Range: 0°C to 70°C OP-AMP, 2000 uV OFFSET-MAX, 500 MHz BAND WIDTH, PQCC16 600MHz, Low Noise, High Precision Fully Differential Input/Output Amplifi er/Driver
|
Linear Technology, Corp.
|
LTC6400-8 LTC6400CUD-8-PBF LTC6400CUD-8-TRPBF LTC6 |
2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF; Package: QFN; No of Pins: 16; Temperature Range: 0°C to 70°C 1-CH 16-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC16 2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF; Package: QFN; No of Pins: 16; Temperature Range: -40°C to 85°C 1-CH 16-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC16 2.2GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz
|
Linear Technology, Corp.
|